Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2360 Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

IP2360 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.
Part # IP2360
Download  IP2360 Download
File Size   1096.13 Kbytes
Page   24 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description upport PD3.0 fast charge input protocol, support 2~6 series batteries

IP2360 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2360 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # IP2360
Download  IP2360 Click to download

File Size   1096.13 Kbytes
Page   24 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description upport PD3.0 fast charge input protocol, support 2~6 series batteries

IP2360 Datasheet (HTML) - ShenZhen ChipSourceTek Technology Co.,Ltd.


IP2360 Product details

IP2368 Features
 Charging specifications
 Integrated BUCK-BOOST, power NMOS diver
 Maximum charging power 100W
 Adaptive charging current adjustment
 External resistor can set full voltage, The full
voltage of a single lithium battery can be set in
the range of 4.1V to 4.4V, The full voltage of a
single lithium iron phosphate battery can be set
of 3.5V to 3.7V
 External resistor can set maximum charging
power, maximum support 100W
 External resistance selection 2/3/4/5/6 series
battery cell charging
 Quick charge specifications
 Integrated FCP input fast charge protocol
 Integrated AFC input fast charge protocol
 Integrated PD2.0/PD3.0 input fast charge
protocol
 Power display
 Built-in 14bit ADC and fuel gauge
 Self-learning fuel gauge, more uniform power
display
 Initial battery capacity PIN selection
configuration
 Other functions
 4/2/1 LED battery indicator
 Support NTC battery temperature detection
 Support I2C function
 Multiple protection, high reliability
 Input over-voltage and under-voltage protection
 Battery overcharge, over-discharge,
over-current protection
 IC over temperature protection
 Rechargeable battery temperature NTC
protection
 ESD 4KV, input(CC/DP/DM pin)Withstand
voltage 30V
 Package specifications:7mm × 7mm
0.5pitch QFN48




Similar Part No. - IP2360

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
IP2363 CHIPSOURCETEK-IP2363 Datasheet
1Mb / 21P
Supports multiple fast charging input protocols such as PD3.0
v1.00 April 2023
logo
Injoinic Technology Co....
IP2365 INJOINIC-IP2365 Datasheet
1Mb / 20P
1~4 string lithium battery/lithium ion battery step-down charging IC
V1.0 2017
IP2366 INJOINIC-IP2366 Datasheet
1Mb / 24P
Supports multiple fast charging input/output protocols such as PD3.1.
V1.10
IP2369 INJOINIC-IP2369 Datasheet
1Mb / 26P
Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
V1.21 March 2024
More results


Similar Description - IP2360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Silicon Standard Corp.
SS6782G SSC-SS6782G Datasheet
1Mb / 19P
Charge Controller for Dual Batteries
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
logo
SHENZHEN FUMAN ELECTRON...
XPM6329 FUMAN-XPM6329 Datasheet
967Kb / 18P
Multi-protocol fast charge and discharge fully integrated power management chip
logo
Shenzhen Huazhimei Semi...
HM5154 HMSEMI-HM5154 Datasheet
1Mb / 15P
Single-cell lithium battery synchronous switch with integrated input fast charge protocol 4.8A charging IC
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com