Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1525 Datasheet (PDF) - ams AG

AS1525 Datasheet PDF - ams AG
Part # AS1525
Download  AS1525 Download
File Size   68.33 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential

AS1525 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1525 Datasheet PDF - ams AG

Part # AS1525
Download  AS1525 Click to download

File Size   68.33 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential

AS1525 Datasheet (HTML) - ams AG


AS1525 Product details

General Description

The AS1524/AS1525 are low-power, 12-bit analog-to-digital converters (ADCs) designed to operate with a single +2.7V to +5.25V supply. Excellent dynamic performance, low power consumption, and simplicity make these devices perfect for portable battery-powered data acquisition applications.



2 Key Features

Single-Supply Operation: +2.7V to +5.25V

Automatic Shutdown Between Conversions

Low Power Consumption

  - 350µA @ 150ksps

  - 245µA @ 100ksps

  -24µA @ 10ksps

  - 2.5µA @ 1ksps

  - 200nA in Automatic Shutdown Mode

True-Differential Track/Hold, 150kHz Sampling Rate Software-Configurable Unipolar/Bipolar Conversion(AS1524)

Input Common Mode Range from GND to VDD

3-Wire SPI-/QSPI-/MICROWIRE-Compatible Serial Interface

Internal Conversion Clock

8-pin TDFN (3x3mm) Package



Applications

The devices are ideal for remote sensors, data-acquisition, data logging devices, lab instruments, or for any other space-limited A/D devices with low power consumption and single-supply requirements.




Similar Part No. - AS1525

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1525 AMSCO-AS1525 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1525-BTDR AMSCO-AS1525-BTDR Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1525-BTDT AMSCO-AS1525-BTDT Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
More results


Similar Description - AS1525

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
logo
ams AG
AS1528 AMSCO-AS1528 Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
AS1528 AMSCO-AS1528_1 Datasheet
621Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
logo
Analog Devices
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Analog Devices
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com