Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSNS15-25 Datasheet (PDF) - Belden Inc.

FSNS15-25 Datasheet PDF - Belden Inc.
Part # FSNS15-25
Download  FSNS15-25 Download
File Size   217.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description ProSNS Mini "F" Coax Compression Connector 22-24 AWG

FSNS15-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSNS15-25 Datasheet PDF - Belden Inc.

Part # FSNS15-25
Download  FSNS15-25 Click to download

File Size   217.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description ProSNS Mini "F" Coax Compression Connector 22-24 AWG

FSNS15-25 Datasheet (HTML) - Belden Inc.


FSNS15-25 Product details

Product Description
ProSNS Mini (22-24 AWG) "F" male connector for coaxial cable. Polymer compression sleeve for easy insertion & lowest possible tool compression force. 25
per Pack




Similar Part No. - FSNS15-25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSNS1P6QS25 BELDEN-FSNS1P6QS25 Datasheet
262Kb / 2P
ProSNS RG-6 "F" Coax Compression Connector
03-04-2023
More results


Similar Description - FSNS15-25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSNS6BNCU-25 BELDEN-FSNS6BNCU-25 Datasheet
355Kb / 2P
ProSNS RG-6 Universal BNC Coax Compression Connector
FSNS6U-25 BELDEN-FSNS6U-25 Datasheet
387Kb / 2P
ProSNS RG-6 Universal "F" Coax Compression Connector
FSNS6RCAU-25 BELDEN-FSNS6RCAU-25 Datasheet
341Kb / 2P
ProSNS RG-6 RCA Coax Compression Connector
0.44
logo
Molex Electronics Ltd.
2174902221 MOLEX-2174902221 Datasheet
83Kb / 1P
I-GRID F-F 75MM 22 AWG LEAD RD Au
2021/05/24
2196802225 MOLEX-2196802225 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2196771123 MOLEX-2196771123 Datasheet
106Kb / 1P
Mini SPOX 2.5 F-S 225mm 22 AWG BK Sn
2022/03/02
2196802124 MOLEX-2196802124 Datasheet
111Kb / 1P
SL F-F 300mm 24 awg lead RD Sn
2022/03/18
2175101121 MOLEX-2175101121 Datasheet
86Kb / 1P
LINK250 F-F 75MM 22 AWG LEADS BK Sn
2021/05/24
2196761121 MOLEX-2196761121 Datasheet
108Kb / 1P
Mini SPOX 2.5 F-F 75mm 22 AWG BK Sn
2022/03/02
2196771111 MOLEX-2196771111 Datasheet
107Kb / 1P
Mini SPOX 2.5 F-S 75mm 24 AWG BK Sn
2022/03/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com