Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8178 Datasheet (PDF) - Analog Devices

AD8178 Datasheet PDF - Analog Devices
Part # AD8178
Download  AD8178 Download
File Size   829.35 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 MHz, Triple 16 횞 5 Video Crosspoint Switch

AD8178 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8178 Datasheet PDF - Analog Devices

Part # AD8178
Download  AD8178 Click to download

File Size   829.35 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 MHz, Triple 16 횞 5 Video Crosspoint Switch

AD8178 Datasheet (HTML) - Analog Devices


AD8178 Product details

GENERAL DESCRIPTION
The AD8178 is a high speed, triple 16 × 5 video crosspoint switch matrix. It supports 1600 × 1200 RGB displays @ 85 Hz refresh rate, by offering a 450 MHz bandwidth and a slew rate of 1650 V/μs. With −82 dB of crosstalk and −90 dB isolation (@ 5 MHz), the AD8178 is useful in many high speed video applications.

FEATURES
   Large, triple 16 × 5 high speed, nonblocking switch array
   Pin compatible with the AD8175 and AD8176 (16 × 9 switch
      arrays) and the AD8177 (16 × 5 switch array)
   Differential or single-ended operation
   Supports sync-on common-mode and sync-on color
      operating modes
   RGB and HV outputs available for driving monitor directly
   G = +4 operation (differential input to differential output)
   Flexible power supplies: +5 V or ±2.5 V
      Logic ground for convenient control interface
   Serial or parallel programming of switch array
   High impedance output disable allows connection of
      multiple devices with minimal loading on output bus
   Adjustable output CM and black level through external pins
   Excellent ac performance
      Bandwidth: 450 MHz
      Slew rate: 1650 V/μs
      Settling time: 4 ns to 1% to support 1600 × 1200 @ 85Hz
   Low power of 2.3 W
   Low all hostile crosstalk
      −82 dB @ 5 MHz
      −47 dB @ 500 MHz
   Wide input common-mode range of 4 V
   Reset pin allows disabling of all outputs
   Fully populated 26 × 26 ball PBGA package
      (27 mm × 27 mm, 1 mm ball pitch)
   Convenient grouping of RGB signals for easy routing

APPLICATIONS
   RGB video switching
   KVM
   Professional video




Similar Part No. - AD8178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8178 AD-AD8178 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178ABPZ AD-AD8178ABPZ Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Similar Description - AD8178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8112 AD-AD8112 Datasheet
527Kb / 28P
Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com