Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMLPAAEJE Datasheet (PDF) - Abracon Corporation

AMMLPAAEJE Datasheet PDF - Abracon Corporation
Part # AMMLPAAEJE
Download  AMMLPAAEJE Download
File Size   917.32 Kbytes
Page   15 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power, Low Jitter MEMS Oscillator

AMMLPAAEJE Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMLPAAEJE Datasheet PDF - Abracon Corporation

Part # AMMLPAAEJE
Download  AMMLPAAEJE Click to download

File Size   917.32 Kbytes
Page   15 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power, Low Jitter MEMS Oscillator

AMMLPAAEJE Datasheet (HTML) - Abracon Corporation


AMMLPAAEJE Product details

Features
 Industry Standard package sizes: 2.0 x 1.6 x 0.89mm,
2.5 x 2.0 x 0.89mm, 7.0 x 5.0 x 0.9mm
 CMOS output
 Low power consumption
 Any frequency between 2.3MHz to 170MHz
 Supply Voltage options: 3.3V, 2.5V, 1.8V, 2.25V ~ 3.63V
 Frequency Stability options: ±20ppm, ±25ppm, ±50ppm over
-20 to +70°C, -40 to +85°C, -40°C to +105°C, & -40°C to +125°C
 Output enable or standby function
 REACH/RoHS II Compliant | MSL Level 1

Applications
 Wearables
 Internet of Things (IoT)
 Industrial IoT
 Consumer devices
 Portable devices
 Audio and video
 Drones and robotics




Similar Part No. - AMMLPAAEJE

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
Worldwide Medical Approvals
logo
Infinite Electronics In...
AMM-1102 L-COM-AMM-1102 Datasheet
48Kb / 1P
CON,MCX MALE STR CRIMP LMR100
7/21/06
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F Datasheet
428Kb / 1P
Addressable monitor module, single circuit, Style B, Class B
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-2IF GAMEWELL-FCI-AMM-2IF Datasheet
174Kb / 1P
Monitor module, two circuit, Style B, Class B
More results


Similar Description - AMMLPAAEJE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Abracon Corporation
ABMJB-902 ABRACON-ABMJB-902 Datasheet
7Mb / 9P
Low Power MEMS Jitter Attenuator
03.09.15
logo
Golledge Electronics Lt...
MCSO2FHZ GOLLEDGE-MCSO2FHZ Datasheet
550Kb / 4P
1.8V Low Jitter Oscillator
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com