Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8805C Datasheet (PDF) - Richtek Technology Corporation

RT8805C Datasheet PDF - Richtek Technology Corporation
Part # RT8805C
Download  RT8805C Download
File Size   380.01 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Two Phase General Purpose PWM Controller

RT8805C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8805C Datasheet PDF - Richtek Technology Corporation

Part # RT8805C
Download  RT8805C Click to download

File Size   380.01 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Two Phase General Purpose PWM Controller

RT8805C Datasheet (HTML) - Richtek Technology Corporation


RT8805C Product details

General Description
The RT8805C is the most compact dual-phase synchronous buck controller in the industry specifically designed for high power density applications. This part is capable of delivering up to 60A output current due to its embedded bootstrapped drivers that support 12V + 12V driving capability.

Features
● 12V Power Supply Voltage
● 2 Phase Power Conversion
● Embedded 12V Boot Strapped Driver
● Precise Core Voltage Regulation
● Low Side MOSFET RDS(ON) Current Sensing for Power Stage Current Balance
● External Compensation
● Adjustable Soft-Start
● Adjustable Frequency and Typical at 300kHz Per Phase
● Power Good Indication
● Adjustable Over Current Protection
● External Reference Voltage Tracking (RT8805CxQVA)
● Small 16-Lead and 24-Lead VQFN Packages
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Middle-High End GPU Core Power
● High End Desktop PC Memory Core Power
● Low Output Voltage, High Power Density DC-DC Converters
● Voltage Regulator Modules




Similar Part No. - RT8805C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805GQV RICHTEK-RT8805GQV Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805GQVA RICHTEK-RT8805GQVA Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805PQV RICHTEK-RT8805PQV Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805PQVA RICHTEK-RT8805PQVA Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
More results


Similar Description - RT8805C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
Two-Phase PWM Controller for Graphics Processor Units (GPU)
July 17, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com