Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800A Datasheet (PDF) - Richtek Technology Corporation

RT8800A Datasheet PDF - Richtek Technology Corporation
Part # RT8800A
Download  RT8800A Download
File Size   481.54 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description General Purpose 3-Phase PWM Controller for High-Density Power Supply

RT8800A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8800A Datasheet PDF - Richtek Technology Corporation

Part # RT8800A
Download  RT8800A Click to download

File Size   481.54 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description General Purpose 3-Phase PWM Controller for High-Density Power Supply

RT8800A Datasheet (HTML) - Richtek Technology Corporation


RT8800A Product details

General Description
The RT8800A is a general-purposed multi-phase synchronous buck controller dedicating for high power density applications. The RT8800A operates with 2 or 3 synchronous buck switching stages in interleaved phase set automatically. The multiphase architecture provides high output current while maintaining low power dissipation on power devices and low stress on input and output capacitors.

Features
● 5V Power Supply Voltage
● 2/3-Phase Power Conversion with Automatic Phase Selection
● Output Voltage Controlled by External Reference Voltage
● Precise Core Voltage Regulation
● Power Stage Thermal Balance by DCR Current Sensing
● Extreme Low-Cost, Lossless Time Sharing Current Sensing
● Internal Soft-Start
● Hiccup Mode Over-Current Protection
● Over-Voltage Protection
● Adjustable Operating Frequency and Typical at 300kHz Per Phase
● Power Good Indication
● Small 16-Lead VQFN Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Desktop CPU Core Power
● Low Output Voltage, High Power Density DC-DC Converters
● Voltage Regulator Modules




Similar Part No. - RT8800A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
More results


Similar Description - RT8800A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com