Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800 Datasheet (PDF) - Richtek Technology Corporation

RT8800 Datasheet PDF - Richtek Technology Corporation
Part # RT8800
Download  RT8800 Download
File Size   532.88 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description General Purpose 2/3-Phase PWM Controller for High-Density Power Supply

RT8800 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8800 Datasheet PDF - Richtek Technology Corporation

Part # RT8800
Download  RT8800 Click to download

File Size   532.88 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description General Purpose 2/3-Phase PWM Controller for High-Density Power Supply

RT8800 Datasheet (HTML) - Richtek Technology Corporation


RT8800 Product details

General Description

The RT8800/B are general purpose multi-phase synchronous buck controllers dedicating for high density power supply regulation. The parts implement 2, and 3 buck switching stages operating in interleaved phase set automatically. The output voltage is regulated and controlled following the input voltage of FB pin. With such a single analog control, the RT8800/B provide a simple, flexible, wide-range and extreme cost-effective high density voltage regulation solutions for various high-density power supply application.



Features

• 5V Power Supply Voltage

• 2/3-Phase Power Conversion with Automatic Phase

   Selection (RT8800 : 2/3-Phase, RT8800B : 2-Phase)

• Output Voltage Controlled by External Reference Voltage

• Precise Core Voltage Regulation

• Power Stage Thermal Balance by DCR Current Sensing

• Extreme Low-Cost, Lossless Time Sharing Current Sensing

• Internal Soft-start

• Hiccup Mode Over-Current Protection

• Over-Voltage Protection

• Adjustable Operating Frequency and Typical at 300kHz Per Phase

• Power Good indication

• Small 16-Lead VQFN Package (For RT8800 only)

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Desktop CPU core power

• Low Output Voltage, High power density DC-DC Converters

• Voltage Regulator Modules



 




Similar Part No. - RT8800

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800AGQV RICHTEK-RT8800AGQV Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800APQV RICHTEK-RT8800APQV Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800B RICHTEK-RT8800B Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
More results


Similar Description - RT8800

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com