Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8803A Datasheet (PDF) - Richtek Technology Corporation

RT8803A Datasheet PDF - Richtek Technology Corporation
Part # RT8803A
Download  RT8803A Download
File Size   538.35 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2/3-Phase PWM Controller for High-Density Power Supply

RT8803A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8803A Datasheet PDF - Richtek Technology Corporation

Part # RT8803A
Download  RT8803A Click to download

File Size   538.35 Kbytes
Page   27 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2/3-Phase PWM Controller for High-Density Power Supply

RT8803A Datasheet (HTML) - Richtek Technology Corporation


RT8803A Product details

General Description

The RT8803A is a 2/3-phase synchronous buck controller specifically designed to power Intel®/ AMD next generation microprocessors. It implements an internal 8-bit DAC that is identified by VID code of microprocessor directly. RT8803A generates VID table that conform to Intel® VRD10.x and VRD11 core power with 6.25mV increments and 0.5% accuracy.



Features

5V Power Supply

2/3-Phase Power Conversion with Automatic Phase Selection

8-bit VID Interface, Supporting Intel VRD11/VRD10.x and AMD K8, K8_M2 CPUs

VR_HOT and VR_FAN Indication

Precision Core Voltage Regulation

Power Stage Thermal Balance by DCR Current Sensing

Adjustable Soft-start

Over-Voltage Protection

Adjustable Frequency and Typical at 300kHz per Phase

Power Good Indication

32-Lead VQFN Package

RoHS Compliant and 100% Lead (Pb)-Free




Similar Part No. - RT8803A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
More results


Similar Description - RT8803A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com