Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9005A Datasheet (PDF) - Richtek Technology Corporation

RT9005A Datasheet PDF - Richtek Technology Corporation
Part # RT9005A
Download  RT9005A Download
File Size   208.08 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description DDR VDDQ and Termination Voltage Regulator

RT9005A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9005A Datasheet PDF - Richtek Technology Corporation

Part # RT9005A
Download  RT9005A Click to download

File Size   208.08 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description DDR VDDQ and Termination Voltage Regulator

RT9005A Datasheet (HTML) - Richtek Technology Corporation


RT9005A Product details

General Description
The RT9005A/B is a dual-output linear regulator for DDRSDRAM VDDQ supply and termination voltage VTT supply.
The Regulator is capable of actively sinking or sourcing up to 2A. The output termination voltage can be tightly regulated to track 1/2 VDDQ by two external voltage divider resistors.

Features
• Ideal for DDR-I and DDR-II VDDQ, VTT Applications
• Integrated Power MOSFETs
• Generates Termination Voltage for SSTL_2, SSTL _18, HSTL, SCSI-2 and SCSI-3 Interfaces
• High Accuracy Output Voltage at Full-Load
• VOUT2 Sink and Source 2A Continuous Current
• VOUT2 Adjustment by Two External Resistors
• Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output
• Current Limiting Protection
• On-Chip Thermal Protection
• Available in SOP-8 (Exposed Pad) Packages
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Desktop PCs, Notebooks, and Workstations
• Graphics Card Memory Termination
• Set Top Boxes, Digital TVs, Printers
• Embedded Systems
• Active Termination Buses
• DDR-I and DDR-II Memory Systems




Similar Part No. - RT9005A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
More results


Similar Description - RT9005A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
DDR VDDQ and Termination Voltage Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
Low Voltage DDR Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com