Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173B Datasheet (PDF) - Richtek Technology Corporation

RT9173B Datasheet PDF - Richtek Technology Corporation
Part # RT9173B
Download  RT9173B Download
File Size   262.54 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A Bus Termination Regulator

RT9173B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9173B Datasheet PDF - Richtek Technology Corporation

Part # RT9173B
Download  RT9173B Click to download

File Size   262.54 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A Bus Termination Regulator

RT9173B Datasheet (HTML) - Richtek Technology Corporation


RT9173B Product details

General Description

The RT9173B regulator is designed to convert voltage supplies ranging from 1.7V to 6V into a desired output voltage of which adjusted by two external voltage divider resistors. The regulator is capable of sourcing or sinking up to 2A of current while regulating an output voltage to within 40mV.

The RT9173B, used in conjunction with series termination resistors, provides an excellent voltage source for active termination schemes of high speed transmission lines as those seen in high speed memory buses and distributed backplane designs. The voltage output of the regulator can be used as a termination voltage for DDR SDRAM.



Features

• Support Both DDR I (1.25VTT) and DDR II (0.9VTT) Requirements

• SOP-8 and TO-252-5 Packages

• Capable of Sourcing and Sinking Current

• Current-limiting Protection

• Thermal Protection

• Integrated Power MOSFETs

• Generates Termination Voltages for SSTL-2

• High Accuracy Output Voltage at Full-Load

• Adjustable VOUT by External Resistors

• Minimum External Components

• Shutdown for Standby or Suspend Mode Operation with High-impedance Output

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• DDR Memory Termination Supply

• Active Termination Buses

• Desktop PC/AGP Graphics

• Set Top Box/IPC

• Supply Splitter



 




Similar Part No. - RT9173B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
Peak 3A Bus Termination Regulator
More results


Similar Description - RT9173B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
2A DDR Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
3A/2A Bus Termination Regulator
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com