Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9173B
Description  2A Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9173B Datasheet HTML 1Page - Richtek Technology Corporation RT9173B Datasheet HTML 2Page - Richtek Technology Corporation RT9173B Datasheet HTML 3Page - Richtek Technology Corporation RT9173B Datasheet HTML 4Page - Richtek Technology Corporation RT9173B Datasheet HTML 5Page - Richtek Technology Corporation RT9173B Datasheet HTML 6Page - Richtek Technology Corporation RT9173B Datasheet HTML 7Page - Richtek Technology Corporation RT9173B Datasheet HTML 8Page - Richtek Technology Corporation RT9173B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9173B
1
DS9173B-09 March 2007
www.richtek.com
Features
Pin Configurations
Applications
2A Bus Termination Regulator
Ordering Information
General Description
(TOP VIEW)
The RT9173B regulator is designed to convert voltage
supplies ranging from 1.7V to 6V into a desired output
voltage of which adjusted by two external voltage divider
resistors. The regulator is capable of sourcing or sinking
up to 2A of current while regulating an output voltage to
within 40mV.
The RT9173B, used in conjunction with series termination
resistors, provides an excellent voltage source for active
termination schemes of high speed transmission lines as
those seen in high speed memory buses and distributed
backplane designs. The voltage output of the regulator can
be used as a termination voltage for DDR SDRAM.
Current limits in both sourcing and sinking mode, plus on-
chip thermal shutdown make the circuit tolerant of the
output fault conditions.
The RT9173B are available in the popular 5-lead TO-252
and fused SOP-8 (the multiple VCNTL pins on the SOP-8
package are internally connected but lowest thermal
resistance) surface mount packages.
Support Both DDR I (1.25VTT) and DDR II (0.9VTT)
Requirements
SOP-8 and TO-252-5 Packages
Capable of Sourcing and Sinking Current
Current-limiting Protection
Thermal Protection
Integrated Power MOSFETs
Generates Termination Voltages for SSTL-2
High Accuracy Output Voltage at Full-Load
Adjustable VOUT by External Resistors
Minimum External Components
Shutdown for Standby or Suspend Mode Operation
with High-impedance Output
RoHS Compliant and 100% Lead (Pb)-Free
DDR Memory Termination Supply
Active Termination Buses
Desktop PC/AGP Graphics
Set Top Box/IPC
Supply Splitter
SOP-8
VCNTL
GND
VIN
VOUT
REFEN
2
3
4
5
8
7
6
VCNTL
VCNTL
VCNTL
TO-252-5
1
2
3
4
5
VOUT
REFEN
VCNTL (TAB)
GND
VIN
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9173B
Package Type
S : SOP-8
L5 : TO-252-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9173B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
2A DDR Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
3A/2A Bus Termination Regulator
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com