Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9173B
Description  2A Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9173B Datasheet HTML 5Page - Richtek Technology Corporation RT9173B Datasheet HTML 6Page - Richtek Technology Corporation RT9173B Datasheet HTML 7Page - Richtek Technology Corporation RT9173B Datasheet HTML 8Page - Richtek Technology Corporation RT9173B Datasheet HTML 9Page - Richtek Technology Corporation RT9173B Datasheet HTML 10Page - Richtek Technology Corporation RT9173B Datasheet HTML 11Page - Richtek Technology Corporation RT9173B Datasheet HTML 12Page - Richtek Technology Corporation RT9173B Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9173B
11
DS9173B-09 March 2007
www.richtek.com
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as possible to
the RT9173B. A low ESR capacitor larger than 470uF is
recommended for the input capacitor. Use short and wide
traces to minimize parasitic resistance and inductance.
Inappropriate layout may result in large parasitic inductance
and cause undesired oscillation between RT9173B and
the preceding power converter.
Thermal Consideration
An internal thermal limiting circuitry shuts down the
RT9173B when junction temperature is over 170
°C. This
protects the device during overload conditions. It is noted
that the thermal limiting circuitry is not intended for normal
operation. For maximum reliability, the junction temperature
should not exceed absolute maximum operation
temperature 125
°C during normal operation. The power
dissipation should be well considered to keep the junction
temperature within the specification.
The power dissipation in RT9173B is calculated as:
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) -TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and the
θJA is the junction to ambient thermal resistance.
The junction to ambient thermal resistance
θJA highly
depends on IC package, PCB layout , the rate of
surroundings airflow.
θJA for SOP-8 package is 160°C/W
and TO-252 package is 68
°C/W on standard JEDEC 51-3
(single layer, 1S) thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula:
PD(MAX) = (125
− 25°C) / 160 = 0.625W (SOP-8)
PD(MAX) = (125
− 25°C) / 68 = 1.471W (TO-252)
θJA vs. Copper Area
30
40
50
60
70
80
90
100
0
1020
3040506070
8090 100
Copper Area (mm
2)
SOP-8
Power Dissipation vs. Copper Area
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Power Dissipation (W)
TJ = 125°C
TA = 25°C
SOP-8
TA = 65°C
TA = 55°C
Since the multiple VCTRL pins of the SOP-8 package are
internally shorted and connected to lead frame, it is efficient
to dissipate the heat by adding cooper area on VCTRL
footprint. Figure 7 shows the relation about thermal
resistance
θJA vs. copper area on a standard JEDEC 51-7
(4 layer, 2S2P) thermal test board at TA = 25
°C. The
corresponding maximum power dissipation is shown in
Figure 8. For example, with 10mm x 10mm cooper area,
we can obtain the lower thermal resistance about 45
°C/W.
The power maximum dissipation can be calculated as:
PD(MAX) = (125
− 25°C) / 45 = 2.22W (SOP-8)
Figure 7
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com