Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9187 Datasheet (PDF) - Richtek Technology Corporation

RT9187 Datasheet PDF - Richtek Technology Corporation
Part # RT9187
Download  RT9187 Download
File Size   175.63 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator

RT9187 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9187 Datasheet PDF - Richtek Technology Corporation

Part # RT9187
Download  RT9187 Click to download

File Size   175.63 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator

RT9187 Datasheet (HTML) - Richtek Technology Corporation


RT9187 Product details

General Description

The RT9187 is a high-performance, 1A LDO regulator, offering extremely high PSRR and ultra-low dropout. Ideal

for portable RF and wireless applications with demanding performance and space requirements.



Features

Ultra-Low-Noise for RF Application

Ultra-Fast Response in Line/Load Transient

Quick Start-Up (Typically 40μs)

< 0.1uA Standby Current When Shutdown

Low Dropout : 240mV at 1A

Wide Operating Voltage Ranges : 2.5V to 5.5V

TTL-Logic-Controlled Shutdown Input

Current Limiting Protection

Thermal Shutdown Protection

Only 2.2uF Output Capacitor Required for Stability

High Power Supply Rejection Ratio

RoHS Compliant and 100% Lead (Pb)-Free



Applications

CDMA/GSM Cellular Handsets

Battery-Powered Equipment

Laptop, Palmtops, Notebook Computers

Hand-Held Instruments

Mini PCI & PCI-Express Cards

PCMCIA & New Cards

Portable Information Appliances




Similar Part No. - RT9187

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
193Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
June 2011
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
193Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
June 2011
RT9187-10GSP RICHTEK-RT9187-10GSP Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Similar Description - RT9187

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
Ultra low dropout, 500mA/1A, CMOS LDO
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com