Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9187 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9187
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9187 Datasheet HTML 1Page - Richtek Technology Corporation RT9187 Datasheet HTML 2Page - Richtek Technology Corporation RT9187 Datasheet HTML 3Page - Richtek Technology Corporation RT9187 Datasheet HTML 4Page - Richtek Technology Corporation RT9187 Datasheet HTML 5Page - Richtek Technology Corporation RT9187 Datasheet HTML 6Page - Richtek Technology Corporation RT9187 Datasheet HTML 7Page - Richtek Technology Corporation RT9187 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9187
1
DS9187-08 August 2007
www.richtek.com
Pin Configurations
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
Portable Information Appliances
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT9187 is a high-performance, 1A LDO regulator,
offering extremely high PSRR and ultra-low dropout. Ideal
for portable RF and wireless applications with demanding
performance and space requirements.
A noise reduction pin is also available for further reduction
of output noise. Regulator ground current increases only
slightly in dropout, further prolonging the battery life. The
RT9187 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in hand-held wireless devices.
The RT9187 consumes less than 0.1
μAin shutdown mode
and has fast turn-on time less than 40
μs. The other features
include ultra-low dropout voltage, high output accuracy,
current limiting protection, and high ripple rejection ratio.
Available in the VDFN-8L 3x3 package.
(TOP VIEW)
VDFN-8L 3x3
Features
Ultra-Low-Noise for RF Application
Ultra-Fast Response in Line/Load Transient
Quick Start-Up (Typically 40
μμμμμs)
< 0.1
μμμμμA Standby Current When Shutdown
Low Dropout : 240mV at 1A
Wide Operating Voltage Ranges : 2.5V to 5.5V
TTL-Logic-Controlled Shutdown Input
Current Limiting Protection
Thermal Shutdown Protection
Only 2.2
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
RoHS Compliant and 100% Lead (Pb)-Free
RT9187(
Package Type
QV : VDFN-8L 3x3 (V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
None : Adjustable Output
Fixed Output Voltage Code
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
-
)
VIN
VOUT
VOUT
VIN
EN
BP/ADJ
NC
GND
7
6
5
1
2
3
4
8
9
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.


Similar Part No. - RT9187

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
193Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
June 2011
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
193Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
June 2011
RT9187-10GSP RICHTEK-RT9187-10GSP Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9187

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
Ultra low dropout, 500mA/1A, CMOS LDO
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com