Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9266B Datasheet (PDF) - Richtek Technology Corporation

RT9266B Datasheet PDF - Richtek Technology Corporation
Part # RT9266B
Download  RT9266B Download
File Size   316.03 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Efficiency, Step-Up DC/DC Converter

RT9266B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9266B Datasheet PDF - Richtek Technology Corporation

Part # RT9266B
Download  RT9266B Click to download

File Size   316.03 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny Package, High Efficiency, Step-Up DC/DC Converter

RT9266B Datasheet (HTML) - Richtek Technology Corporation


RT9266B Product details

General Description

The RT9266B is a compact, high efficiency, and low voltage step-up DC/DC converter with an Adaptive Current Mode PWM control loop, includes an error amplifier, ramp generator, comparator, switch pass element and driver in which providing a stable and high efficient operation over a wide range of load currents. It operates in stable waveforms without external

compensation.



Features

 1.0V Low Start-up Input Voltage at 1mA Load

 25μA Quiescent (Switch-off) Supply Current

 Zero Shutdown Mode Supply Current  90% Efficiency

 550kHz Switching Frequency at 3.3V VDD

 Providing Flexibility for Using Internal and External Power Switches

 Small SOT-23-6 Package

 RoHS Compliant and 100% Lead (Pb)-Free


 



Applications

 PDA

 DSC

 LCD Panel

 RF-Tags

 MP3

 Portable Instrument

Wireless Equipment




Similar Part No. - RT9266B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266GE RICHTEK-RT9266GE Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266GX5 RICHTEK-RT9266GX5 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266PE RICHTEK-RT9266PE Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266PX5 RICHTEK-RT9266PX5 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
More results


Similar Description - RT9266B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com