Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1628 Datasheet (PDF) - Semtech Corporation

SC1628 Datasheet PDF - Semtech Corporation
Part # SC1628
Download  SC1628 Download
File Size   121.23 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER

SC1628 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1628 Datasheet PDF - Semtech Corporation

Part # SC1628
Download  SC1628 Click to download

File Size   121.23 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER

SC1628 Datasheet (HTML) - Semtech Corporation


SC1628 Product details

DESCRIPTION

The SC1628 is a high performance step-up DC-DC converter, designed to drive an external power switch to generate programmable positive voltages. In the particularly suitable LCD contrast bias and flash memory programming power supply applications, typical full load efficiencies are 85% to 95%. The 4V to 24V input operation range allows the SC1628 to be powered directly by the battery pack in most battery powered applications for greater efficiency.



FEATURES

•  4V to 24V input voltage operation

•  Adjustable output voltage

•  Low quiescent current at 100µA

•  Pulse-skipping and pulse-frequency modulation maintain high efficiency (max. 95%)

•  90kHz to 250kHz oscillator frequency

•  Power-saving shutdown mode (8µA typical)

•  Push-pull driver output



APPLICATIONS

•  Flash memory programming power supply

•  Positive LCD contrast bias for notebook and palmtop computers

•  Step-up DC-DC converter module

•  Telecom power supply




Similar Part No. - SC1628

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC162-P10 GARDTEC-SC162-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
SC162-W1 GARDTEC-SC162-W1 Datasheet
368Kb / 1P
C1008 Steel
SC162-W10 GARDTEC-SC162-W10 Datasheet
378Kb / 1P
C1008 Steel
SC162-W12 GARDTEC-SC162-W12 Datasheet
388Kb / 1P
C1008 Steel
SC162-W13 GARDTEC-SC162-W13 Datasheet
397Kb / 1P
C1008 Steel
More results


Similar Description - SC1628

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com