Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1628 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1628
Description  HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1628 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1628 Datasheet HTML 1Page - Semtech Corporation SC1628 Datasheet HTML 2Page - Semtech Corporation SC1628 Datasheet HTML 3Page - Semtech Corporation SC1628 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH-EFFICIENCY STEP-UP
DC-DC CONVERTER
SC1628
January 30, 1998
DEVICE OUTLINE - SO-8
PIN DESCRIPTIONS
PIN 1:
V
IN
4V to 24V input supply voltage.
PIN 5:
GND
Power ground.
PIN 2:
V
REF
1.22V reference output. Bypass with
a 0.047µF capacitor to GND.
Sourcing capability is guaranteed to
be greater than 250µA.
PIN 6:
DLOW Driver sinking output. Connected to
the gate of the external N-channel
MOSFET or the base of the NPN
bipolar transistor.
PIN 3:
SHDN Logical input to shutdown the chip:
>1.5V = normal operation,
GND = shutdown.
Cannot be floating or forced greater
than 15V. In shutdown mode DLOW
and DHI pins are low.
PIN 7:
DHI
Driver sourcing output. Connected to
DLOW when using an external N-
channel MOSFET. When using an
external NPN bipolar transistor,
connect a base resistance R
B from
this pin to DLOW. R
B value depends
upon V
IN, the inductor value and the
NPN current gain.
PIN 4:
FB
Feedback signal input to comparator.
Connecting a resistance R1 to V
OUT
and a resistance R2 to GND yields
the output voltage:
(refer to typical application circuit).
PIN 8:
CL
Current-limit input. The threshold
voltage is 60mV from V
IN. This pin
clamps the switch peak current under
abnormal conditions.
REF
OUT
V
2
R
2
R
1
R
V
×
+
=
PIN CONFIGURATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com