Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4C212 Datasheet (PDF) - Solid State Inc

AD4C212 Datasheet PDF - Solid State Inc
Part # AD4C212
Download  AD4C212 Download
File Size   220.34 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Two isolated 1 form B SSRs in compact 8pin DIP package

AD4C212 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4C212 Datasheet PDF - Solid State Inc

Part # AD4C212
Download  AD4C212 Click to download

File Size   220.34 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Two isolated 1 form B SSRs in compact 8pin DIP package

AD4C212 Datasheet (HTML) - Solid State Inc


AD4C212 Product details

DESCRIPTION
The AD4C212 is a bi-directional, double-pole, single-throw, normally closed multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of two integrated circuits, each driving a pair of
rugged source-to-source depletion type DMOS transistors. Each integrated circuit is optically coupled to a light emitting diode. The output
MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.

FEATURES
• Two isolated 1 form B SSRs in compact 8pin DIP package
• Low input control power consumption (1.5mA TYP)
• 140mA maximum continuous load current
• 25 ohms maximum on-resistance
• High input-to-output isolation
• Long life/high reliability
• RoHS Compliant / Pb Free / Reach Compliant

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems




Similar Part No. - AD4C212

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
Dual 1 Form B Solid State Relay
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
More results


Similar Description - AD4C212

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
1 Form B
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
Compact SSRs Ideal for Built-in Applications
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
Two discrete 1 form A Relays in compact 8 pin DIP package
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C250 SSOUSA-AD4C250_15 Datasheet
221Kb / 5P
Two optically isolated SSRs in compact 8 pin DIP package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
SDD400 SSOUSA-SDD400_15 Datasheet
673Kb / 6P
Compact 4pin DIP package
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
Ultra compact DIP Package
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
Single in-line DIP package, compact size
logo
TE Connectivity Ltd
T9A_2X TEC-T9A_2X Datasheet
592Kb / 3P
30A switching in 1 Form B (NC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com