Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPVBUS54FD-SD1 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPVBUS54FD-SD1 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPVBUS54FD-SD1
Download  TPVBUS54FD-SD1 Download
File Size   2296.09 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance TVS Diode

TPVBUS54FD-SD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPVBUS54FD-SD1 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPVBUS54FD-SD1
Download  TPVBUS54FD-SD1 Click to download

File Size   2296.09 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance TVS Diode

TPVBUS54FD-SD1 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPVBUS54FD-SD1 Product details

Features

« Low operating voltage: 5.5V

» Low clamping voltage

» Low capacitance: 0.6pF typical

Protects four 1/0 lines

« Small package saves board space

» Totally Lead-Free & Fully RoHS Compliant

» Halogen and Antimony Free. ‘Green’ Device

» Array of surge rated diodes with intemal TVS Diode
« ESD protection for high-speed data lines to
IEC 61000-4-2 (ESD) £15KV (air), £15kV (contact
)IEC 61000-4-4 (EFT) 40A (5/50ns)

IEC 61000-4-5 (Lightning) 4 A (8/2015)




Similar Part No. - TPVBUS54FD-SD1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TPV RUBYCON-TPV Datasheet
210Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
M-System Co.,Ltd.
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
logo
Transko Electronics, In...
TPV TRANSKO-TPV Datasheet
374Kb / 1P
PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
Rev. 1: Jul. 2014
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Similar Description - TPVBUS54FD-SD1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V0H1U-02LS INFINEON-ESD5V0H1U-02LS Datasheet
617Kb / 7P
Ultra-Low Capacitance TVS Diode
2009-06-18
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8804ADI AOSMD-AOZ8804ADI Datasheet
574Kb / 11P
Ultra-Low Capacitance TVS Diode
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
Ultra-Low Capacitance TVS Diode
AOZ8809 AOSMD-AOZ8809 Datasheet
614Kb / 9P
Ultra-Low Capacitance TVS Diode
AOZ8809ADI AOSMD-AOZ8809ADI Datasheet
873Kb / 10P
Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
Ultra-Low Capacitance TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com