Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201919 Datasheet (PDF) - PHOENIX CONTACT

2201919 Datasheet PDF - PHOENIX CONTACT
Part # 2201919
Download  2201919 Download
File Size   349.74 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 161,6 OT 111122 KMGY - Upper housing part

2201919 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201919 Datasheet PDF - PHOENIX CONTACT

Part # 2201919
Download  2201919 Click to download

File Size   349.74 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BC 161,6 OT 111122 KMGY - Upper housing part

2201919 Datasheet (HTML) - PHOENIX CONTACT


2201919 Product details

DIN rail housing for use in distribution boards in accordance with DIN 43880, modular upper
housing part, width: 161.6 mm, height: 89.7 mm, depth: 54.85 mm, color: light gray (similar RAL
7035)




Similar Part No. - 2201919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201915 PHOENIX-2201915 Datasheet
176Kb / 4P
PBR 42A RD - Cross connection
2201916 PHOENIX-2201916 Datasheet
176Kb / 4P
PBR 42A BU - Cross connection
2201917 PHOENIX-2201917 Datasheet
175Kb / 4P
PBR 42A GY - Cross connection
2201918 PHOENIX-2201918 Datasheet
310Kb / 8P
ME 45 UT TBUS BK - Mounting base housing
More results


Similar Description - 2201919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201454 PHOENIX-2201454 Datasheet
172Kb / 11P
Upper part of housing - BC 161,6 OT 000022 KMGY
09/12/2020
2202284 PHOENIX-2202284 Datasheet
52Kb / 2P
Electronic housing - BC 161,6 OT 001101 KMGY
11/05/2018
2202324 PHOENIX-2202324 Datasheet
51Kb / 2P
Electronic housing - BC 161,6 OT 101100 KMGY VPE80
11/05/2018
2202638 PHOENIX-2202638 Datasheet
52Kb / 2P
Electronic housing - BC 161,6 OT 111112 KMGY
11/05/2018
2203095 PHOENIX-2203095 Datasheet
51Kb / 2P
Electronic housing - BC 161,6 OT 111101 KMGY
11/05/2018
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2896089 PHOENIX-2896089 Datasheet
175Kb / 12P
Upper part of housing - BC 107,6 OT U22 KMGY
09/12/2020
1340864 PHOENIX-1340864 Datasheet
513Kb / 12P
Upper part of housing - BC 71,6 OT 2P2K00C KMGY
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com