Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201918 Datasheet (PDF) - PHOENIX CONTACT

2201918 Datasheet PDF - PHOENIX CONTACT
Part # 2201918
Download  2201918 Download
File Size   310.47 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UT TBUS BK - Mounting base housing

2201918 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201918 Datasheet PDF - PHOENIX CONTACT

Part # 2201918
Download  2201918 Click to download

File Size   310.47 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UT TBUS BK - Mounting base housing

2201918 Datasheet (HTML) - PHOENIX CONTACT


2201918 Product details

DIN rail housing, Lower housing part with metal foot catch, tall design, with vents, width: 45.2
mm, height: 99 mm, depth: 107.3 mm, color: black (similar RAL 9005), cross connection: DIN rail
connector (optional), number of positions cross connector: 5




Similar Part No. - 2201918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201915 PHOENIX-2201915 Datasheet
176Kb / 4P
PBR 42A RD - Cross connection
2201916 PHOENIX-2201916 Datasheet
176Kb / 4P
PBR 42A BU - Cross connection
2201917 PHOENIX-2201917 Datasheet
175Kb / 4P
PBR 42A GY - Cross connection
2201919 PHOENIX-2201919 Datasheet
349Kb / 7P
BC 161,6 OT 111122 KMGY - Upper housing part
More results


Similar Description - 2201918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828143 PHOENIX-0828143 Datasheet
46Kb / 3P
Label for ME UT TBUS housing - EML (44X72)R-ME
0828169 PHOENIX-0828169 Datasheet
46Kb / 3P
Label for ME F-UT TBUS housing - EML (44X49)R-ME
2278500 PHOENIX-2278500 Datasheet
177Kb / 13P
Mounting base housing - BC 161,6 UT HBUS BK
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2896270 PHOENIX-2896270 Datasheet
137Kb / 10P
Mounting base housing - BC 107,6 UT HBUS BK
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com