Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK3081 Datasheet (PDF) - List of Unclassifed Manufacturers

STK3081 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK3081
Download  STK3081 Download
File Size   98.73 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VOLTAGE AMP.FOR 30 to 100W AF POWER AMP.

STK3081 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK3081 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK3081
Download  STK3081 Click to download

File Size   98.73 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description VOLTAGE AMP.FOR 30 to 100W AF POWER AMP.

STK3081 Datasheet (HTML) - List of Unclassifed Manufacturers


STK3081 Product details

Features
Load short detection
Built-in muting transistor




Similar Part No. - STK3081

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK3082 SANYO-STK3082 Datasheet
65Kb / 3P
AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
STK3082II ETC-STK3082II Datasheet
88Kb / 1P
VOLTAGE AMP, FOR 40 TO SOW AF POWER AMP.
STK3082III ETC-STK3082III Datasheet
79Kb / 2P
2-Channel Voltage Amplifier for 80 to 90W power Amplifier (Dual Supplies)
More results


Similar Description - STK3081

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE1882 NTE-NTE1882 Datasheet
22Kb / 2P
Integrated Circuit Module - AF Power Amp, 100W Min, Dual Power Supplies
NTE7029 NTE-NTE7029 Datasheet
22Kb / 2P
Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7031 NTE-NTE7031 Datasheet
22Kb / 2P
Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
logo
Sanyo Semicon Device
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
High-Voltage Switching,AF 100W Driver Applications
logo
List of Unclassifed Man...
STK3042 ETC-STK3042 Datasheet
67Kb / 1P
VOLTAGE AMPLIFIER FOR 40 to 90W AF POWER AMP
STK3082II ETC-STK3082II Datasheet
88Kb / 1P
VOLTAGE AMP, FOR 40 TO SOW AF POWER AMP.
logo
Sanyo Semicon Device
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com