Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA1102W Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

AA1102W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # AA1102W
Download  AA1102W Download
File Size   679.24 Kbytes
Page   21 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Outer Dimension 3.0 x 1.5 x 1.5mm

AA1102W Datasheet (PDF)

Go To PDF Page Download Datasheet
AA1102W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # AA1102W
Download  AA1102W Click to download

File Size   679.24 Kbytes
Page   21 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Outer Dimension 3.0 x 1.5 x 1.5mm

AA1102W Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


AA1102W Product details

Features
Product features
• Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H )
• Temperature range
    Storage Temperature : -40℃~ 100℃
    Operating Temperature : -30℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - AA1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AA1102W STANLEY-AA1102W Datasheet
724Kb / 21P
Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
Single Color 3216 Type
More results


Similar Description - AA1102W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015HD KINGBRIGHT-APL3015HD Datasheet
226Kb / 1P
3.0 x 1.5mm SURFACE MOUNT LED
logo
Roithner LaserTechnik G...
380SMD100 ROITHNER-380SMD100 Datasheet
130Kb / 1P
3.0 x 2.2 x 1.5 mm쨀 TOP LED
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
EHAOAN.
EH-C151DS5 EHAOAN-EH-C151DS5 Datasheet
1Mb / 10P
Dimension( L/W/H) : 3.2 x 1.5 x 0.8 mm
EH-C191KRTGKS EHAOAN-EH-C191KRTGKS Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C191TBHRPG EHAOAN-EH-C191TBHRPG Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C19HRSOPG EHAOAN-EH-C19HRSOPG Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110TGKT-5A EHAOAN-EH-S110TGKT-5A Datasheet
1Mb / 8P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com