Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C112 Datasheet (PDF) - Solid State Inc

AD6C112 Datasheet PDF - Solid State Inc
Part # AD6C112
Download  AD6C112 Download
File Size   206.85 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low input control power consumption (2.5mA TYP)

AD6C112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C112 Datasheet PDF - Solid State Inc

Part # AD6C112
Download  AD6C112 Click to download

File Size   206.85 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low input control power consumption (2.5mA TYP)

AD6C112 Datasheet (HTML) - Solid State Inc


AD6C112 Product details

FEATURES
Low input • control power consumption (2.5mA TYP)
• 120mA maximum continuous load current
• 35 ohms maximum on-resistance
• Long life/high reliability
• High input-to-output isolation

APPLICATIONS
• Reed relay replacement
• Meter reading systems
• Medical equipment
• Battery monitoring
• Multiplexers

DESCRIPTION
The AD6C112 is a bi-directional, single-pole, single-throw, normally closed multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of an integrated circuit that drives two rugged
source-to-source depletion type DMOS transistors - optically coupled to a light emitting diode. The output MOS transistors are protected
with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for switching lamps and highly inductive
loads.




Similar Part No. - AD6C112

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C112 SSOUSA-AD6C112 Datasheet
202Kb / 5P
1 Form B Solid State Relay
More results


Similar Description - AD6C112

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
Low Input Control Current (3mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
Low Input Control Current (1.75mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
Low Input Control Current (1.5mA TYP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com