Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C311 Datasheet (PDF) - Solid State Inc

AD6C311 Datasheet PDF - Solid State Inc
Part # AD6C311
Download  AD6C311 Download
File Size   353.83 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (2.5mA TYP)

AD6C311 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C311 Datasheet PDF - Solid State Inc

Part # AD6C311
Download  AD6C311 Click to download

File Size   353.83 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (2.5mA TYP)

AD6C311 Datasheet (HTML) - Solid State Inc


AD6C311 Product details

Description
The AD6C311 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid state relay. It is designed
to replace electromechanical relays in general purpose
switching applications. The relay consists of an integrated
circuit that drives two rugged source-to-source
enhancement type DMOS transistors – optically coupled to
a light emitting diode.
The AD6C311 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.

Features
 Low Input Control Current (2.5mA TYP)
 200mA Maximum Continuous Load Current
 Low On Resistance (10 TYP)
 High Isolation Voltage (3.75kVRMS, 5kVRMS -H Option)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Meter Reading Systems
 Multiplexers
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Home / Safety Security Systems




Similar Part No. - AD6C311

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C311 SSOUSA-AD6C311 Datasheet
159Kb / 4P
1 Form A Solid State Relay
AD6C311-L SSOUSA-AD6C311-L Datasheet
309Kb / 9P
High Isolation Voltage (3750VRMS)
logo
Solid State Inc
AD6C311-L SOLIDSTATE-AD6C311-L Datasheet
322Kb / 9P
High Isolation Voltage (3750VRMS)
AD6C311-LS SOLIDSTATE-AD6C311-LS Datasheet
322Kb / 9P
High Isolation Voltage (3750VRMS)
AD6C311-LSTR SOLIDSTATE-AD6C311-LSTR Datasheet
322Kb / 9P
High Isolation Voltage (3750VRMS)
More results


Similar Description - AD6C311

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
Low Input Control Current (3mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
Low Input Control Current (1.75mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
Low Input Control Current (1.5mA TYP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com