Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4403W Datasheet (PDF) - Pan Jit International Inc.

MMBT4403W Datasheet PDF - Pan Jit International Inc.
Part # MMBT4403W
Download  MMBT4403W Download
File Size   241.32 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT4403W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT4403W Datasheet PDF - Pan Jit International Inc.

Part # MMBT4403W
Download  MMBT4403W Click to download

File Size   241.32 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT4403W Datasheet (HTML) - Pan Jit International Inc.


MMBT4403W Product details

VOLTAGE 40V POWER 200mW

FEATURES
   PNP epitaxial silicon, planar design
   Collector-emitter voltage VCE = -40V
   Collector current IC =-600mA
   Complimentary (NPN) device: MMBT4401W
   In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - MMBT4403W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
Foshan Blue Rocket Elec...
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT4403WT1 WILLAS-MMBT4403WT1 Datasheet
509Kb / 6P
General Purpose Transistors
More results


Similar Description - MMBT4403W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com