Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58263Q Datasheet (PDF) - Diodes Incorporated

AL58263Q Datasheet PDF - Diodes Incorporated
Part # AL58263Q
Download  AL58263Q Download
File Size   1792.14 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER

AL58263Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL58263Q Datasheet PDF - Diodes Incorporated

Part # AL58263Q
Download  AL58263Q Click to download

File Size   1792.14 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER

AL58263Q Datasheet (HTML) - Diodes Incorporated


AL58263Q Product details

Features
• AEC-Q100 Grade 1
• Input Voltage VDD: 3V to 5.0V
• Output Current Range
▪ 2 to 55mA/5.0V
▪ ±0.1% (typ) Output Current Regulation
• 16 Constant-Current Sink Output Channel
▪ 16-Bit Grayscale Resolution
▪ 6-Bit Global Current Control
▪ 15V Rated Output Channels
▪ ±1.5% (typ) LED Current Accuracy Between Channels
▪ ±3% (typ) LED Current Accuracy Between Chips
▪ Stagger Outputs Delay for EMI Reduction
▪ Cascaded Capability (max 1,440 Devices)
• Detection and Diagnosis
▪ Error Detection Includes LED Open, LED Short, Output Port
Leakage, Output Short-to-GND, Output Short-to-Power and
REXT Short-to-GND
▪ Pre-Overtemperature Warning
• 4-Wire Serial Interface +1 (LAT, DI, DO, DCK + GCK)
▪ 25MHz Data Clock (DCK) Frequency for Data Transfer
▪ Double Edge Gray Scale Clock up to 16MHZ (GCK)
▪ External GCK Watchdog Timer
▪ Zero Data and Sleep Mode for Power Saving
• Register Programmable Options
▪ Regular PWM or Adaptive Pulse Density Modulation
▪ Built Internal PWM or External Gray Scale Clock (GCK)
▪ Short Detection Threshold Voltage Selection (2/3/4/4.5V)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AL58263Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Applications
• Automotive clusters
• Automotive local dimming displays
• Automotive front and back faceplates
• Automotive center stack displays
• Automotive interior and RGB lightings
• Automotive HVAC control panels
• Automotive gear shifter indicators
• Automotive exterior lightings




Similar Part No. - AL58263Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL58263Q DIODES-AL58263Q Datasheet
353Kb / 2P
I2C/SPI Programmable 18-/12-Channel Linear LED Drivers with Digital-Color Mixing Simplify Automotive Dynamic Lighting
September 2025
More results


Similar Description - AL58263Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
LP5861T TI-LP5861T Datasheet
2Mb / 71P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5861T TI1-LP5861T_V01 Datasheet
2Mb / 76P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED AUGUST 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com