Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58263Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL58263Q
Description  16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AL58263Q Datasheet HTML 1Page - Diodes Incorporated AL58263Q Datasheet HTML 2Page - Diodes Incorporated AL58263Q Datasheet HTML 3Page - Diodes Incorporated AL58263Q Datasheet HTML 4Page - Diodes Incorporated AL58263Q Datasheet HTML 5Page - Diodes Incorporated AL58263Q Datasheet HTML 6Page - Diodes Incorporated AL58263Q Datasheet HTML 7Page - Diodes Incorporated AL58263Q Datasheet HTML 8Page - Diodes Incorporated AL58263Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AL58263Q
Document number: DS46687 Rev. 2 - 2
2 of 26
www.diodes.com
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263Q
Q
VDD
OUTPUT
GND
Typical Applications Circuit
DI
DO
1
DI
DO
n
VLED
DCK
LAT
GCK
Controller
OUT0
OUT1
OUT15
OUT0
OUT1
OUT15
AL58263Q
AL58263Q
Data Read
Data Write
Pin Descriptions
Pin Name
Pin Number
Description
W-QFN4040-24/SWP
(Type A1)
LAT
1
Input terminal of data strobe and mode setting. Combine DCK with LAT signal to execute
the mode control.
OUT0 to OUT15
2 to 9
and 11 to 18
Sink constant-current outputs (open-drain).
GND
10
Ground terminal.
DO
19
Serial data output terminal.
GCK
20
External double-edge grayscale clock input for APDM operations.
REXT
21
External resistors connected between REXT and GND for output current value setting.
VDD
22
Supply voltage terminal.
DI
23
Serial data input terminal.
DCK
24
Synchronous clock input terminal for serial data transfer. Data is sampled at the rising edge
of DCK.
Equivalent Circuit of Inputs and Outputs
1. DCK, DI, LAT, GCK Terminals
2. DO Terminal
VDD
INPUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com