Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58263Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AL58263Q
Description  16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AL58263Q Datasheet HTML 17Page - Diodes Incorporated AL58263Q Datasheet HTML 18Page - Diodes Incorporated AL58263Q Datasheet HTML 19Page - Diodes Incorporated AL58263Q Datasheet HTML 20Page - Diodes Incorporated AL58263Q Datasheet HTML 21Page - Diodes Incorporated AL58263Q Datasheet HTML 22Page - Diodes Incorporated AL58263Q Datasheet HTML 23Page - Diodes Incorporated AL58263Q Datasheet HTML 24Page - Diodes Incorporated AL58263Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AL58263Q
Document number: DS46687 Rev. 2 - 2
21 of 26
www.diodes.com
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263Q
Q
Functional Descriptions (continued)
Diagnosis and Protections (continued)
Pre-OTP Warning - Thermal Detection & Watchdog Result Read Out
The AL58263Q has pre-thermal warning threshold of +155°C (typical).
DCK
LAT
DI
PreOTP
Don’t
care
Don’t
care
DO
: Unknown Data
16
15
14
1
1
2
3
15
Don’t
care
8 pulses
14 pulses
DI=DO
Watchdog
Result
When the thermal detection instruction is executed, it is necessary to input eight DI pulses in the Error Detection Mode. AL58263Q will judge of
junction temperature by the instruction. If the junction temperature is over +155°C, it will lead to thermal error. The device will load the PreOTP and
watchdog result into the 16th and 1st image shift register and fill out the other image shift registers with bit code, 1. The error report will be shifted out
from the DO pin on the synchronization of the rising edge of DCK. And a retiming DO signal, which is similar to DI signal, appears when the LAT
signal stays in high level for cascading applications. When CMD[0] = 1 and GCK keeps low or high over 30ms, the watchdog result would be “0”,
otherwise it would be “1”.
LED Smart Detection
DCK
LAT
DI
Detection
time
IOUT15
Error Bit
IOUT14
Error Bit
IOUT12
Error Bit
IOUT0
Error Bit
DO
: Unknown Data
16
15
14
1
1
2
3
15
10 pulses
IOUT13
Error Bit
14 pulses
DI=DO
When the LED smart detection instruction is executed, it is necessary to input ten DI pulses in the Error Detection Mode. No matter what the image
latch data is, the output ports of the AL58263Q will turn on with 0.1mA for error detection. The detection time is defined from the falling edge of LAT
to the rising edge of following DCK. When the voltage of IOUT pins is below 0.3V for LED open detection or above the threshold voltage of LED
short detection determined by CMD[14:13], the error bit, zero, will be loaded into the corresponding image shift register. The error bit will be shifted
out from the DO pin on the synchronization of the rising edge of DCK. And a retiming DO signal, which is similar to DI signal, appears when the LAT
signal stays in high level for cascading applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com