Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4157 Datasheet (PDF) - Analog Devices

ADF4157 Datasheet PDF - Analog Devices
Part # ADF4157
Download  ADF4157 Download
File Size   399.15 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Resolution 6 GHz Fractional-N Frequency Synthesizer

ADF4157 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4157 Datasheet PDF - Analog Devices

Part # ADF4157
Download  ADF4157 Click to download

File Size   399.15 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Resolution 6 GHz Fractional-N Frequency Synthesizer

ADF4157 Datasheet (HTML) - Analog Devices


ADF4157 Product details

GENERAL DESCRIPTION
The ADF4157 is a 6 GHz fractional-N frequency synthesizer with a 25-bit fixed modulus, allowing subhertz frequency resolution at 6 GHz. It consists of a low noise digital phase frequency detector (PFD), a precision charge pump, and a programmable reference divider. There is a Σ-Δ based fractional interpolator to allow programmable fractional-N division. The INT and FRAC values define an overall N divider, N = INT + (FRAC/225). The ADF4157 features cycle slip reduction circuitry, which leads to faster lock times without the need for modifications to the loop filter.

FEATURES
   RF bandwidth to 6 GHz
   25-bit fixed modulus allows subhertz frequency resolution
   2.7 V to 3.3 V power supply
   Separate VP allows extended tuning voltage
   Programmable charge pump currents
   3-wire serial interface
   Digital lock detect
   Power-down mode
   Pin compatible with the following frequency synthesizers:
      ADF4110/ADF4111/ADF4112/ADF4113/
      ADF4106/ADF4153/ADF4154/ADF4156
   Cycle slip reduction for faster lock times

APPLICATIONS
   Satellite communications terminals, radar equipment
   Instrumentation equipment
   Personal mobile radio (PMR)
   Base stations for mobile radio
   Wireless handsets




Similar Part No. - ADF4157

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
More results


Similar Description - ADF4157

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
7/03-Revision 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
6 GHz Fractional-N Frequency Synthesizer
5/06-Revision 0
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
Fractional-N Frequency Synthesizer
12/2016-Rev. F to Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com