Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-CS3303-300G Datasheet (PDF) - DFI Inc

770-CS3303-300G Datasheet PDF - DFI Inc
Part # 770-CS3303-300G
Download  770-CS3303-300G Download
File Size   1137.99 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 9th/8th Gen Intel® CoreTM Processor microATX

770-CS3303-300G Datasheet (PDF)

Go To PDF Page Download Datasheet
770-CS3303-300G Datasheet PDF - DFI Inc

Part # 770-CS3303-300G
Download  770-CS3303-300G Click to download

File Size   1137.99 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 9th/8th Gen Intel® CoreTM Processor microATX

770-CS3303-300G Datasheet (HTML) - DFI Inc


770-CS3303-300G Product details

Features
• 4 DDR4 DIMM up to 128GB
• Three display ports: VGA, DVI-D, DP++
Supports three independent displays
• DP++ resolution up to 4096x2160 @ 60Hz
DVI-D resolution up to 1920x1200 @ 60Hz
• Multiple expansion: 1 PCIe x16, 1 PCIe x4, 2 PCI, 1 Mini PCIe
• Rich I/O: 2 Intel GbE, 6 COM, 2 USB 3.1 Gen 2, 4 USB 3.1
Gen 1, 6 USB 2.0




Similar Part No. - 770-CS3303-300G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
770-CS3311-100G DFI-770-CS3311-100G Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
770-CS3311-300G DFI-770-CS3311-300G Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
770-CS3322-000G DFI-770-CS3322-000G Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
770-CS3322-100G DFI-770-CS3322-100G Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
770-CS3322-200G DFI-770-CS3322-200G Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor microATX
More results


Similar Description - 770-CS3303-300G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com