Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT240 Datasheet (PDF) - Silicon Supplies

74ACT240 Datasheet PDF - Silicon Supplies
Part # 74ACT240
Download  74ACT240 Download
File Size   294.39 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT240 Datasheet PDF - Silicon Supplies

Part # 74ACT240
Download  74ACT240 Click to download

File Size   294.39 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT240 Datasheet (HTML) - Silicon Supplies


74ACT240 Product details

Features
Outputs Source/Sink 24mA
Low input current: 1μA
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 4.5V to 5.5V
Function compatible with 74FCT240 & 74LS240
Lower power alternative to Bipolar or BiCMOS logic
For non-inverting version pleae see 74ACT244




Similar Part No. - 74ACT240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
logo
Fairchild Semiconductor
74ACT240 FAIRCHILD-74ACT240 Datasheet
88Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240 FAIRCHILD-74ACT240 Datasheet
502Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240 ONSEMI-74ACT240 Datasheet
108Kb / 10P
Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
More results


Similar Description - 74ACT240

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com