Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT86 Datasheet (PDF) - Silicon Supplies

74HCT86 Datasheet PDF - Silicon Supplies
Part # 74HCT86_V02
Download  74HCT86 Download
File Size   459.48 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS TTL Input

74HCT86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT86 Datasheet PDF - Silicon Supplies

Part # 74HCT86_V02
Download  74HCT86 Click to download

File Size   459.48 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS TTL Input

74HCT86 Datasheet (HTML) - Silicon Supplies


74HCT86 Product details

Features
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 4.5V to 5.5V
TTL / CMOS compatible Input Levels
Function compatible with 74LS86.




Similar Part No. - 74HCT86_V02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HCT86 SS-74HCT86_V01 Datasheet
537Kb / 5P
High Speed CMOS TTL Input
More results


Similar Description - 74HCT86_V02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HCT04 SS-74HCT04 Datasheet
506Kb / 5P
High Speed CMOS TTL Input
74HCT86 SS-74HCT86 Datasheet
606Kb / 5P
High Speed CMOS TTL Input
54HCT00 SS-54HCT00 Datasheet
367Kb / 5P
High Speed CMOS TTL Input
54HCT04 SS-54HCT04 Datasheet
373Kb / 5P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86 Datasheet
472Kb / 5P
High Speed CMOS TTL Input
54HCT373 SS-54HCT373 Datasheet
325Kb / 7P
High Speed CMOS TTL Input
74HCT00 SS-74HCT00_V01 Datasheet
565Kb / 5P
High Speed CMOS TTL Input
54HCT163 SS-54HCT163 Datasheet
550Kb / 9P
High Speed CMOS TTL Input
Rev 1.0 06/06/19
74HCT163 SS-74HCT163 Datasheet
546Kb / 9P
High Speed CMOS TTL Input
54HCT86 SS-54HCT86_V01 Datasheet
538Kb / 5P
High Speed CMOS TTL Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com