Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1360577 Datasheet (PDF) - PHOENIX CONTACT

1360577 Datasheet PDF - PHOENIX CONTACT
Part # 1360577
Download  1360577 Download
File Size   222.61 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PPC1,5/5-3,5-AA-1018 - PCB connector

1360577 Datasheet (PDF)

Go To PDF Page Download Datasheet
1360577 Datasheet PDF - PHOENIX CONTACT

Part # 1360577
Download  1360577 Click to download

File Size   222.61 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PPC1,5/5-3,5-AA-1018 - PCB connector

1360577 Datasheet (HTML) - PHOENIX CONTACT


1360577 Product details

PCB connector, nominal cross section: 1.5 mm2, color: yellow, nominal current: 8 A, rated
voltage (III/2): 150 V, contact surface: Sn, contact connection type: Socket, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: ICC..-
PPC1,5/..-3,5, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: ICC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever:
orange




Similar Part No. - 1360577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1360576 PHOENIX-1360576 Datasheet
345Kb / 10P
ICC25-PPC2,5/4-5,0-AA-1018 - PCB connector
More results


Similar Description - 1360577

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1102107 PHOENIX-1102107 Datasheet
235Kb / 10P
Printed-circuit board connector - ICC20-PPC1,5/4-3,5-AA-7035
Nov 16, 2022
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
1984044 PHOENIX-1984044 Datasheet
470Kb / 12P
PCB connector - PT 1,5/ 5-PVH-3,5
Jul 21, 2022
1984345 PHOENIX-1984345 Datasheet
337Kb / 10P
PCB connector - PT 1,5/ 5-PH-3,5
Jan 4, 2023
1939947 PHOENIX-1939947 Datasheet
714Kb / 15P
PCB connector - FK-MCP 1,5/ 5-ST-3,5
Jul 21, 2022
1940127 PHOENIX-1940127 Datasheet
588Kb / 16P
PCB connector - FK-MCP 1,5/ 5-STF-3,5
Jan 10, 2023
1863039 PHOENIX-1863039 Datasheet
648Kb / 14P
MCVW 1,5/ 5-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com