Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40106B Datasheet (PDF) - Silicon Supplies

CD40106B Datasheet PDF - Silicon Supplies
Part # CD40106B
Download  CD40106B Download
File Size   888.19 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD40106B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40106B Datasheet PDF - Silicon Supplies

Part # CD40106B
Download  CD40106B Click to download

File Size   888.19 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD40106B Datasheet (HTML) - Silicon Supplies


CD40106B Product details

Features
Wide supply voltage range: 3V to 15V
High noise immunity: 0.70 VDD (typ.)
Low power TTL compatibility:
o Fan out of 2 driving 74L or 1 driving 74LS
Hysteresis:
o 0.40 VDD (typ.)
o 0.20 VDD (guaranteed).




Similar Part No. - CD40106B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
CD40106B TI-CD40106B Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Silicon Supplies
CD40106B SS-CD40106B Datasheet
991Kb / 6P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
logo
Texas Instruments
CD40106B TI2-CD40106B Datasheet
1Mb / 35P
CD40106B CMOS Hex Schmitt-Trigger Inverters
REVISED MARCH 2017
CD40106B-MIL TI1-CD40106B-MIL Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results


Similar Description - CD40106B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com