Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40106B Datasheet (PDF) - Texas Instruments

CD40106B Datasheet PDF - Texas Instruments
Part # CD40106B
Download  CD40106B Download
File Size   1144.79 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD40106B CMOS Hex Schmitt-Trigger Inverters

CD40106B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40106B Datasheet PDF - Texas Instruments

Part # CD40106B
Download  CD40106B Click to download

File Size   1144.79 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD40106B CMOS Hex Schmitt-Trigger Inverters

CD40106B Datasheet (HTML) - Texas Instruments


CD40106B Product details

1 Features
1• Schmitt-Trigger Inputs
• Hysteresis Voltage (Typical):
– 0.9 V at VDD = 5 V
– 2.3 V at VDD = 10 V
– 3.5 V at VDD = 15 V
• Noise Immunity Greater Than 50%
• No Limit On Input Rise and Fall Times
• Standardized, Symmetrical Output Characteristics
• For Quiescent Current at 20 V
• Maximum Input Current Of 1 μA at 18 V Over Full
Package Temperature Range:
– 100 nA at 18 V and 25°C
• Low VDD and VSS Current During Slow Input
Ramp
• 5-V, 10-V, and 15-V Parametric Ratings

2 Applications
• Wave and Pulse Shapers
• High-Noise-Environment Systems
• Monostable Multivibrators
• Astable Multivibrators

3 Description
The CD40106B device consists of six Schmitt-Trigger
inputs. Each circuit functions as an inverter with
Schmitt-Trigger input. The trigger switches at different
points for positive- and negative-going signals. The
difference between the positive-going voltage (VP)
and the negative-going voltages (VN) is defined as
hysteresis voltage (VH).
The CD40106B device is supplied in ceramic
packaging (J) as well as standard packaging (D, N,
NS, PW). All CD40106B devices are rated for –55°C
to +125°C ambient temperature operation.




Similar Part No. - CD40106B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
CD40106B TI-CD40106B Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Silicon Supplies
CD40106B SS-CD40106B Datasheet
991Kb / 6P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
CD40106B SS-CD40106B Datasheet
888Kb / 6P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
logo
Texas Instruments
CD40106B-MIL TI1-CD40106B-MIL Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results


Similar Description - CD40106B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com