Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS3045 Datasheet (PDF) - Silicon Supplies

SIS3045 Datasheet PDF - Silicon Supplies
Part # SIS3045
Download  SIS3045 Download
File Size   613.79 Kbytes
Page   7 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Monolithic Transistor Array

SIS3045 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS3045 Datasheet PDF - Silicon Supplies

Part # SIS3045
Download  SIS3045 Click to download

File Size   613.79 Kbytes
Page   7 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Monolithic Transistor Array

SIS3045 Datasheet (HTML) - Silicon Supplies


SIS3045 Product details

Features
Two matched transistors:
- VBE Match ±5mA
- IIO Match 2μA (Max).
Low Noise Figure 3.2dB (Typ) at 1kHz
Operation From DC to 120MHz
Wide Operating Current Range
Full Military Temperature Range.




Similar Part No. - SIS3045

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
659Kb / 6P
Monolithic Transistor Array
Rev 1.1 20/10/17
SIS3045F SS-SIS3045F_V01 Datasheet
659Kb / 6P
Monolithic Transistor Array
Rev 1.1 20/10/17
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
More results


Similar Description - SIS3045

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
logo
OSRAM GmbH
SPLBK98-40 OSRAM-SPLBK98-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
SPLBK102-40 OSRAM-SPLBK102-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
logo
Silicon Supplies
SIS3046 SS-SIS3046 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046M SS-SIS3046M Datasheet
4Mb / 6P
Monolithic Transistor Array
SIS3046N SS-SIS3046N Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046P SS-SIS3046P Datasheet
2Mb / 6P
Monolithic Transistor Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com