Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS3045 Datasheet(PDF) 3 Page - Silicon Supplies

Part # SIS3045
Description  Monolithic Transistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3045 Datasheet(HTML) 3 Page - Silicon Supplies

  SIS3045 Datasheet HTML 1Page - Silicon Supplies SIS3045 Datasheet HTML 2Page - Silicon Supplies SIS3045 Datasheet HTML 3Page - Silicon Supplies SIS3045 Datasheet HTML 4Page - Silicon Supplies SIS3045 Datasheet HTML 5Page - Silicon Supplies SIS3045 Datasheet HTML 6Page - Silicon Supplies SIS3045 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 
 
 
 
 
 
 
 
 
Absolute Maximum Ratings
PARAMETER
SYMBOL
Monolithic Transistor Array – SiS3045
Rev 1.1
20/10/17
VALUE
UNIT
Collector-to-Emitter Voltage
VCEO
15
V
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Substrate Voltage (Note 1)
VCIO
20
V
Emitter-to-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Maximum Power Dissipation (Any one transistor)
PD
300
mW
Operating Temperature Range
-
-55 to 125
°C
Maximum Junction Temperature
TJ
175
°C
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC Electrical Characteristics T
A = 25°C unless otherwise stated
Collector to Base Breakdown Voltage
V(BR)CBO
IC = 10μA, IE= 0
20
60
-
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown
Voltage
V(BR)CIO
IC = 10μA, ICI = 0
20
60
-
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE = 10μA, IC= 0
5
7
-
V
Collector Cutoff Current
ICBO
VCB = 10V, IE = 0
-
0.002
40
nA
Collector Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0
-
FIG 2
0.5
µA
IC = 10mA
-
100
-
-
IC = 1mA
40
100
-
-
Forward Current Transfer Ratio
(Static Beta) (Note 3) (Figure 3)
hFE
VCE =3V
IC = 10µA
-
54
-
-
Input Offset Current for Matched Pair
Q1 and Q2. (Note 2) (Figure 4)
|IIO1 - IIO2|
VCE = 3V, IC = 1mA
-
0.3
2
µA
IE = 1mA
-
0.715
-
Base-to-Emitter Voltage (Note 2)
(Figure 5)
VBE
VCE = 3V
IE =10mA
-
0.800
-
V
Magnitude of Input Offset Voltage for
Differential Pair (Note 2) (Figures 5, 7)
|VBE1 - VBE2|
VCE = 3V, IC = 1mA
-
0.45
5
mV
Magnitude of Input Offset Voltage for
Isolated Transistors. (Note 2)
(Figures 5, 7)
|VBE3 - VBE4|
|VBE4 - VBE5|
|VBE5 - VBE3|
VCE = 3V, IC = 1mA
-
0.45
5
mV
Temperature Coefficient of Base-to-
Emitter Voltage (Figure 6)
ΔVBE
ΔT
VCE = 3V, IC = 1mA
-
-1.9
-
mV/°C
Collector-to-Emitter Saturation Voltage
VCES
IB = 1mA, IC = 10mA
-
0.23
-
V
Temperature Coefficient: Magnitude of
Input Offset Voltage (Figure 7)
|ΔVIO|
ΔT
VCE = 3V, IC = 1mA
-
1.1
-
µV/°C
 Notes: 1. The collector of each transistor is isolated from the substrate by an integral diode. The substrate (Terminal 13) must be
connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal
transistor action. 2. Actual forcing current is via the emitter for this test.
 
Page 3 of 7 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com