Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1099162 Datasheet (PDF) - PHOENIX CONTACT

1099162 Datasheet PDF - PHOENIX CONTACT
Part # 1099162
Download  1099162 Download
File Size   270.55 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC20-PPC2,5/3-5,0-AA-7035 - PCB connector

1099162 Datasheet (PDF)

Go To PDF Page Download Datasheet
1099162 Datasheet PDF - PHOENIX CONTACT

Part # 1099162
Download  1099162 Click to download

File Size   270.55 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC20-PPC2,5/3-5,0-AA-7035 - PCB connector

1099162 Datasheet (HTML) - PHOENIX CONTACT


1099162 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
3, number of rows: 1, number of positions: 3, number of connections: 3, product range: ICC..-
PPC2,5/..-5,0, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: ICC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever:
orange




Similar Part No. - 1099162

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109916 ERNI-109916 Datasheet
43Kb / 1P
iBridge male 2mm pitch Single Row R/A SMT
More results


Similar Description - 1099162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH331P-GR ETC2-12BH331P-GR Datasheet
161Kb / 1P
3 AA Battery Holder with PCB Pins
logo
PHOENIX CONTACT
1988817 PHOENIX-1988817 Datasheet
87Kb / 5P
PCB terminal block - PTA 1,5/ 3-5,0
1704520 PHOENIX-1704520 Datasheet
98Kb / 5P
PCB connector - PT 1,5/ 3-PH-5,0 BK
2203900 PHOENIX-2203900 Datasheet
200Kb / 6P
Feed-through header - ICC20-H/3L5,0-7035
2203901 PHOENIX-2203901 Datasheet
199Kb / 6P
Feed-through header - ICC20-H/3R5,0-7035
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1102107 PHOENIX-1102107 Datasheet
235Kb / 10P
Printed-circuit board connector - ICC20-PPC1,5/4-3,5-AA-7035
Nov 16, 2022
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com