Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193 Datasheet (PDF) - Silicon Supplies

LM193 Datasheet PDF - Silicon Supplies
Part # LM193
Download  LM193 Download
File Size   480.15 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Dual Differential Comparator

LM193 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM193 Datasheet PDF - Silicon Supplies

Part # LM193
Download  LM193 Click to download

File Size   480.15 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Dual Differential Comparator

LM193 Datasheet (HTML) - Silicon Supplies


LM193 Product details

Features
Single-Supply range: 2-36V
Split–Supply range: ±1.0V to ±18V
Very low supply current independent of supply
voltage (1 mW/comparator at +5V)
Very Low Current Drain
Very Low Input Offset Current
Low Input Offset Voltage
TTL, DTL, ECL, MOS, CMOS compatible outputs.




Similar Part No. - LM193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193 NSC-LM193 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
Texas Instruments
LM193 TI-LM193 Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
More results


Similar Description - LM193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com