Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM193
Description  Dual Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM193 Datasheet(HTML) 2 Page - Silicon Supplies

  LM193 Datasheet HTML 1Page - Silicon Supplies LM193 Datasheet HTML 2Page - Silicon Supplies LM193 Datasheet HTML 3Page - Silicon Supplies LM193 Datasheet HTML 4Page - Silicon Supplies LM193 Datasheet HTML 5Page - Silicon Supplies LM193 Datasheet HTML 6Page - Silicon Supplies LM193 Datasheet HTML 7Page - Silicon Supplies LM193 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 Dual Differential Comparator – LM193 
Rev 1.1
21/01/18
COORDINATES
(mm)
PAD
FUNCTION
X
Y
1
OUT 1 
0.065 
0.065 
2
IN 1 ‐ 
0.347 
0.065 
3
IN 1 + 
0.575 
0.065 
4
GND 
0.575 
0.330 
5
IN 2 + 
0.575 
0.595 
6
IN 2 ‐ 
0.347 
0.595 
7
OUT 2 
0.065 
0.595 
8
VCC 
0.065 
0.330 
CHIP BACK POTENTIAL IS GND OR FLOAT
 
Pad Layout and Functions
Logic Diagram
730µm (28.74 mils)
0,0
7
8
6
5
4
3
2
1
DIE ID
IN 1 (-) 2
IN 1(+) 3
OUT 1
IN 2(+) 5
IN 2(-) 6
OUT 2
PAD 8 = VCC
PAD 4 = GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com