Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH960 Datasheet (PDF) - DFI Inc

GH960 Datasheet PDF - DFI Inc
Part # GH960
Download  GH960 Download
File Size   1508.79 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic

GH960 Datasheet (PDF)

Go To PDF Page Download Datasheet
GH960 Datasheet PDF - DFI Inc

Part # GH960
Download  GH960 Click to download

File Size   1508.79 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic

GH960 Datasheet (HTML) - DFI Inc


GH960 Product details

Features
• Dual channel DDR4 2400/3200MHz SODIMM up to 32GB
• Four display ports: VGA*/DDI + LVDS*/eDP + 2 DDI
Supports up to four independent displays
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple expansion: 1 PCIe x8, 6 PCIe x1
• Rich I/O: 1 Intel GbE, 4 USB 3.1, 8 USB 2.0




Similar Part No. - GH960

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GH9A3 DFI-GH9A3 Datasheet
651Kb / 2P
AMD® Ryzen™ R1000 Series Processor COM Express® Mini
GH9A3-B40-R15 DFI-GH9A3-B40-R15 Datasheet
651Kb / 2P
AMD® Ryzen™ R1000 Series Processor COM Express® Mini
GH9A3-T40-R16 DFI-GH9A3-T40-R16 Datasheet
651Kb / 2P
AMD® Ryzen™ R1000 Series Processor COM Express® Mini
GH9A3-T80-R16 DFI-GH9A3-T80-R16 Datasheet
651Kb / 2P
AMD® Ryzen™ R1000 Series Processor COM Express® Mini
logo
Nova Electric. All Righ...
GH9K3/6-600(120/208) NOVA-GH9K3/6-600(120/208) Datasheet
210Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
More results


Similar Description - GH960

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
AMD Embedded V-Series V1000 COM Express Basic Module Type 6
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
AMD Embedded R-Series COM Express Basic
DT122-GH DFI-DT122-GH Datasheet
963Kb / 5P
AMD Ryzen V1000/R1000 Series Desktop Box PC
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Advantech Co., Ltd.
DPX-S2450 ADVANTECH-DPX-S2450 Datasheet
1Mb / 2P
High Performance AMD Ryzen™ Embedded V1000/R1000 Multi-Screen Gaming Platform
2-Sep-2020
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
logo
AAEON Technology
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com