Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH9A3 Datasheet (PDF) - DFI Inc

GH9A3 Datasheet PDF - DFI Inc
Part # GH9A3
Download  GH9A3 Download
File Size   651.57 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description AMD® Ryzen™ R1000 Series Processor COM Express® Mini

GH9A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GH9A3 Datasheet PDF - DFI Inc

Part # GH9A3
Download  GH9A3 Click to download

File Size   651.57 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description AMD® Ryzen™ R1000 Series Processor COM Express® Mini

GH9A3 Datasheet (HTML) - DFI Inc


GH9A3 Product details

Features
• Single Channel DDR4 2400MHz Memory Down up to 8GB
• 1 LVDS/eDP, 1 DDI (HDMI/DP)
Supports dual displays: DDI + LVDS/eDP
• DP++ resolution supports up to 3840x2160 @ 60Hz
• Multiple expansions: 3 PCIe x1
• Rich I/O: 1 GbE, 2 USB 3.1, 8 USB 2.0




Similar Part No. - GH9A3

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GH960 DFI-GH960 Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-R1505G DFI-GH960-BS-R1505G Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-V1202B DFI-GH960-BS-V1202B Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-V1605B DFI-GH960-BS-V1605B Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-TS-R1606G DFI-GH960-TS-R1606G Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
More results


Similar Description - GH9A3

ManufacturerPart #DatasheetDescription
logo
DFI Inc
DT122-GH DFI-DT122-GH Datasheet
963Kb / 5P
AMD Ryzen V1000/R1000 Series Desktop Box PC
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Advantech Co., Ltd.
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
SOM-7583 ADVANTECH-SOM-7583 Datasheet
434Kb / 2P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Mini Type 10
12-Apr-2022
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com