Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB766 Datasheet (PDF) - TRANSYS Electronics Limited

2SB766 Datasheet PDF - TRANSYS Electronics Limited
Part # 2SB766
Download  2SB766 Download
File Size   63.29 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB766 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB766 Datasheet PDF - TRANSYS Electronics Limited

Part # 2SB766
Download  2SB766 Click to download

File Size   63.29 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SB766 Datasheet (HTML) - TRANSYS Electronics Limited


2SB766 Product details

FEATURES

Power dissipation

  PCM: 500 mW (Tamb=25℃)

Collector current

  ICM: -1 A

Collector-base voltage

  V(BR)CBO: -30 V

Operating and storage junction temperature range 

  TJ, Tstg: -55℃to +150℃




Similar Part No. - 2SB766

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB766 PANASONIC-2SB766 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SB766 KEXIN-2SB766 Datasheet
52Kb / 2P
Silicon PNP Epitaxial Planar Type
logo
SeCoS Halbleitertechnol...
2SB766 SECOS-2SB766 Datasheet
95Kb / 2P
PNP Silicon Medium Power Transistor
logo
Shenzhen Jin Yu Semicon...
2SB766 HTSEMI-2SB766 Datasheet
232Kb / 2P
TRANSISTOR(PNP)
logo
WILLAS ELECTRONIC CORP
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - 2SB766

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com