Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB766 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SB766 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SB766
Download  2SB766 Download
File Size   95.03 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon Medium Power Transistor

2SB766 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB766 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SB766
Download  2SB766 Click to download

File Size   95.03 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon Medium Power Transistor

2SB766 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SB766 Product details

FEATURES

Power dissipation

  PCM : 500mW˄Tamb=25ć˅

Collector current

  ICM :-1 A

Collector-base voltage

  VB(BR)CBO: -30 V

Operating and storage junction temperature range

  TJˈTstg: -55ćto +150ć




Similar Part No. - 2SB766

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB766 PANASONIC-2SB766 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
TRANSYS Electronics Lim...
2SB766 TEL-2SB766 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB766 KEXIN-2SB766 Datasheet
52Kb / 2P
Silicon PNP Epitaxial Planar Type
logo
Shenzhen Jin Yu Semicon...
2SB766 HTSEMI-2SB766 Datasheet
232Kb / 2P
TRANSISTOR(PNP)
logo
WILLAS ELECTRONIC CORP
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - 2SB766

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
2N5195 STMICROELECTRONICS-2N5195_00 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
2SB772Q SECOS-2SB772Q Datasheet
86Kb / 2P
PNP Silicon Medium Power Transistor
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132_10 Datasheet
177Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188_10 Datasheet
343Kb / 2P
PNP Silicon Medium Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com