Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C1480L Datasheet (PDF) - MUSIC Semiconductors

MU9C1480L Datasheet PDF - MUSIC Semiconductors
Part # MU9C1480L
Download  MU9C1480L Download
File Size   56.97 Kbytes
Page   2 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description TQFP Package Option

MU9C1480L Datasheet (PDF)

Go To PDF Page Download Datasheet
MU9C1480L Datasheet PDF - MUSIC Semiconductors

Part # MU9C1480L
Download  MU9C1480L Click to download

File Size   56.97 Kbytes
Page   2 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description TQFP Package Option

MU9C1480L Datasheet (HTML) - MUSIC Semiconductors


MU9C1480L Product details

GENERAL DESCRIPTION
The MU9C1480A and MU9C1480L LANCAMs are 1024 x 64-bit content-addressable memories (CAMs), with a 16-bit wide interface. They are pin compatible with all devices in the MUSIC LANCAM family.

DISTINCTIVE CHARACTERISTICS
➤ 1024 x 64-bit CMOS content-addressable memory (CAM)
➤ 16-bit I/O
➤ Fast 90 ns compare speed
➤ Dual configuration register set for rapid context switching
➤ 16-bit CAM/RAM segments with MUSIC’s patented partitioning
➤ /MA and /MM output flags to enable faster system performance
➤ Readable Device ID
➤ Selectable faster operating mode with no wait states after a no-match
➤ Validity bit setting accessible from the Status register
➤ Single cycle reset for Segment Control register
➤ 44-Pin PLCC package / 44-Pin TQFP package
➤ 5 Volt (1480A) or 3.3 Volt (1480L) operation

APPLICATION BENEFITS
The 1024 x 64-bit LANCAM facilitates numerous operations:
➤ New package saves space
➤ New speed grade allows processing of both DA and SA within 560 ns, equivalent to 111, 10 Base-T or 11, 100 Base-T Ethernet ports
➤ Full CAM features allow all operations to be masked on a bit-by-bit basis
➤ Expanded powerful instruction set for any list processing needs
➤ Shiftable Comparand and mask registers assist in proximate matching algorithms
➤ Fully compatible with all MUSIC LANCAM series, cascadable to any practical length without performance penalties




Similar Part No. - MU9C1480L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480L-12DC ETC1-MU9C1480L-12DC Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-12DI ETC1-MU9C1480L-12DI Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-70DC ETC1-MU9C1480L-70DC Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-70DI ETC1-MU9C1480L-70DI Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480L-90DC ETC1-MU9C1480L-90DC Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results


Similar Description - MU9C1480L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
SMSC Corporation
48TQFP SMSC-48TQFP Datasheet
377Kb / 1P
48 PIN TQFP/TQN PACKAGE OUTLINE
logo
Dallas Semiconductor
21-0110 DALLAS-21-0110 Datasheet
55Kb / 2P
PACKAGE OUTLINE, 32L TQFP, 5x5x1.0mm
logo
Texas Instruments
TPS65178RSLR TI1-TPS65178RSLR Datasheet
698Kb / 9P
PACKAGE OPTION ADDENDUM
TPS51631A TI1-TPS51631A Datasheet
611Kb / 5P
PACKAGE OPTION ADDENDUM
TPS51632-Q1 TI1-TPS51632-Q1 Datasheet
767Kb / 9P
PACKAGE OPTION ADDENDUM
TPS51633 TI1-TPS51633 Datasheet
614Kb / 6P
PACKAGE OPTION ADDENDUM
TPS53631 TI1-TPS53631 Datasheet
743Kb / 9P
PACKAGE OPTION ADDENDUM
TPS65149 TI1-TPS65149 Datasheet
158Kb / 7P
PACKAGE OPTION ADDENDUM
logo
Future Technology Devic...
NERO-NP1 FTDI-NERO-NP1 Datasheet
820Kb / 18P
16MHz ATmega328 32-pin TQFP package microcontroller.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com