Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C1480L Datasheet(PDF) 2 Page - MUSIC Semiconductors

Part # MU9C1480L
Description  TQFP Package Option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C1480L Datasheet(HTML) 2 Page - MUSIC Semiconductors

  MU9C1480L Datasheet HTML 1Page - MUSIC Semiconductors MU9C1480L Datasheet HTML 2Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MU9C1480L TQFP Package Option
Rev. 0
2
ORDERING INFORMATION
MUSIC Semiconductors reserves the right to make changes to
its products and specifications at any time in order to improve
on performance, manufacturability, or reliability. Information
furnished by MUSIC is believed to be accurate, but no
responsibility is assumed by MUSIC Semiconductors for the use
of said information, nor for any infringement of patents or of
other third party rights which may result from said use. No
license is granted by implication or otherwise under any patent
or patent rights of any MUSIC company.
©Copyright 1999, MUSIC Semiconductors
MUSIC Semiconductors Agent or Distributor:
http://www.music-ic.com
email: info@music-ic.com
10.00
10.00
0.80
Dimensions are in mm.
44-pin
0.05
0.15
Dim. A1 Dim. A2
Dim. b
Dim. c
Dim. D
Dim. E
Dim. e
Dim. Hd Dim. He
Dim. L1
Dim. L
0.22
0.30
0.38
0.08
0.20
12.00
12.00
1.00
0.45
0.60
0.75
Min
Nom
Max
1.35
1.40
1.45
A2
A1
Hd
D
E
He
L
b
e
c
L1
European Sales Office
MUSIC Semiconductors
P.O. Box 184
6470 ED Eygelshoven
The Netherlands
Tel: +31 45 546 2177
Fax: +31 45 546 3663
Worldwide Sales Headquarters
MUSIC Semiconductors
4633 Old Ironsides Drive • Suite #130
Santa Clara, California 95054
USA
Tel: 408-330-7550
Fax: 408-330-7559
USA Only: 800-933-1550 Tech. Support
888-226-6874 Product Info.
Asian Sales Office
MUSIC Semiconductors
Special Export Processing Zone 1
Carmelray Industrial Park
Canlubang, Calamba, Laguna
Philippines
Tel: +63 49 549 1480
Fax: +63 49 549 1024
Sales Tel/Fax: +632 723 62 15
Part Number
Cycle Time
Package
Temperature
Voltage
MU9C1480L-90TAC
90ns
44-PIN TQFP
0–70° C
3.3 ± 0.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com