Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1084014 Datasheet (PDF) - PHOENIX CONTACT

1084014 Datasheet PDF - PHOENIX CONTACT
Part # 1084014
Download  1084014 Download
File Size   334.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC20-H/4L3,5-7035 - PCB header

1084014 Datasheet (PDF)

Go To PDF Page Download Datasheet
1084014 Datasheet PDF - PHOENIX CONTACT

Part # 1084014
Download  1084014 Click to download

File Size   334.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC20-H/4L3,5-7035 - PCB header

1084014 Datasheet (HTML) - PHOENIX CONTACT


1084014 Product details

PCB headers, color: light gray, nominal current: 8 A, rated voltage (III/2): 150 V, contact surface:
Sn, contact connection type: Pin, number of potentials: 4, number of rows: 1, number of
positions: 4, number of connections: 4, product range: ICC..-H/..L3,5, pitch: 3.5 mm, mounting:
Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.65 mm, number of solder pins per
potential: 1, plug-in system: ICC 1,5, Pin connector pattern alignment: Standard, locking: Snap-in
locking, mounting method: without, type of packaging: Box packaging, Product with pin output on
left side




Similar Part No. - 1084014

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
10840 FESTO-10840 Datasheet
93Kb / 2P
Pneumatic valve
logo
Heyco.
10840 HEYCO-10840 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
1084020 PHOENIX-1084020 Datasheet
340Kb / 10P
ICC20-PSC1,5/4-3,5-AA-7035 - PCB connector
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084026 PHOENIX-1084026 Datasheet
322Kb / 10P
ICC20-PSC2,5/3-5,0-AA-7035 - PCB connector
More results


Similar Description - 1084014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203902 PHOENIX-2203902 Datasheet
110Kb / 3P
Feed-through header - ICC25-H/4L5,0-7035
2203903 PHOENIX-2203903 Datasheet
102Kb / 3P
Feed-through header - ICC25-H/4R5,0-7035
2203900 PHOENIX-2203900 Datasheet
200Kb / 6P
Feed-through header - ICC20-H/3L5,0-7035
2203901 PHOENIX-2203901 Datasheet
199Kb / 6P
Feed-through header - ICC20-H/3R5,0-7035
1102107 PHOENIX-1102107 Datasheet
235Kb / 10P
Printed-circuit board connector - ICC20-PPC1,5/4-3,5-AA-7035
Nov 16, 2022
1378324 PHOENIX-1378324 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-X
1378143 PHOENIX-1378143 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-Y
1340482 PHOENIX-1340482 Datasheet
326Kb / 8P
DD31H 2,2/12-H-3,81-X - PCB header
1341120 PHOENIX-1341120 Datasheet
321Kb / 8P
D31H 2,2/ 5-H-3,81-Y - PCB header
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com