Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56LT1 Datasheet (PDF) - TRANSYS Electronics Limited

BAW56LT1 Datasheet PDF - TRANSYS Electronics Limited
Part # BAW56LT1
Download  BAW56LT1 Download
File Size   59.27 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulate Diodes

BAW56LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW56LT1 Datasheet PDF - TRANSYS Electronics Limited

Part # BAW56LT1
Download  BAW56LT1 Click to download

File Size   59.27 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulate Diodes

BAW56LT1 Datasheet (HTML) - TRANSYS Electronics Limited


BAW56LT1 Product details

SWITCHING DIODE

FEATURES
  Power dissipation
     PD: 225 mW (Tamb=25℃)
  Forward Current
     IF: 200 m A
  Reverse Voltage
     VR: 70 V
  Operating and storage junction temperature range
     TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAW56LT1 MOTOROLA-BAW56LT1 Datasheet
82Kb / 4P
Monolithic Dual Switching Diode Common Anode
logo
Leshan Radio Company
BAW56LT1 LRC-BAW56LT1 Datasheet
54Kb / 2P
Monolithic Dual Switching Diode Common Anode
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
logo
Silicon Standard Corp.
BAW56LT1 SSC-BAW56LT1 Datasheet
108Kb / 2P
Switching Diode
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
129Kb / 4P
Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
More results


Similar Description - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com